PART |
Description |
Maker |
02-08-1201 |
Crimp Socket Contact; Wire Size (AWG):18-24; Contact Material:Brass; Contact Plating:Gold; Contact Termination:Crimp PHOSPHOR BRONZE, TIN (35) OVER COPPER FINISH, WIRE TERMINAL
|
Molex, Inc.
|
39-00-0038 |
Crimp Socket Contact; Wire Size (AWG):18-24; Contact Material:Brass; Contact Plating:Tin; Contact Termination:Crimp BRASS, TIN OVER COPPER FINISH, WIRE TERMINAL
|
Molex, Inc.
|
RIF-0-RPT-12DC |
Pre-assembled relay module with push-in connection, consisting of: relay base with ejector and multi-layer gold contact relay. Contact type: 1 N/O contact. Input voltage: 12 V DC
|
PHOENIX CONTACT
|
UADT12 UADB48 USDP120 UFDK28 UFDB120 USDP75 UADT48 |
POWER/SIGNAL RELAY, DPDT, MOMENTARY, 0.095A (COIL), 12VDC (COIL), 1140mW (COIL), 4A (CONTACT), 28VDC (CONTACT), SOCKET MOUNT POWER/SIGNAL RELAY, DPDT, MOMENTARY, 0.049A (COIL), 28VDC (COIL), 1372mW (COIL), 4A (CONTACT), 28VDC (CONTACT), SOCKET MOUNT POWER/SIGNAL RELAY, DPDT, MOMENTARY, 0.009A (COIL), 120VDC (COIL), 1080mW (COIL), 4A (CONTACT), 28VDC (CONTACT), SOCKET MOUNT POWER/SIGNAL RELAY, DPDT, MOMENTARY, 0.017A (COIL), 75VDC (COIL), 1275mW (COIL), 4A (CONTACT), 28VDC (CONTACT), PANEL MOUNT POWER/SIGNAL RELAY, DPDT, MOMENTARY, 0.027A (COIL), 48VDC (COIL), 1296mW (COIL), 4A (CONTACT), 28VDC (CONTACT), SOCKET MOUNT POWER/SIGNAL RELAY, DPDT, MOMENTARY, 0.194A (COIL), 6VDC (COIL), 1164mW (COIL), 4A (CONTACT), 28VDC (CONTACT), SOCKET MOUNT
|
|
CECC16207-801AOT0YE6 CECC16207-801AOT0YE7 CECC1620 |
POWER/SIGNAL RELAY, DPDT, MOMENTARY, 0.1A (COIL), 5VDC (COIL), 500mW (COIL), 1A (CONTACT), 28VDC (CONTACT), THROUGH HOLE-STRAIGHT MOUNT POWER/SIGNAL RELAY, DPDT, MOMENTARY, 0.031A (COIL), 12VDC (COIL), 372mW (COIL), 1A (CONTACT), 28VDC (CONTACT), THROUGH HOLE-STRAIGHT MOUNT POWER/SIGNAL RELAY, DPDT, MOMENTARY, 0.02A (COIL), 18VDC (COIL), 360mW (COIL), 1A (CONTACT), 28VDC (CONTACT), THROUGH HOLE-STRAIGHT MOUNT POWER/SIGNAL RELAY, DPDT, MOMENTARY, 0.128A (COIL), 5VDC (COIL), 640mW (COIL), 1A (CONTACT), 28VDC (CONTACT), THROUGH HOLE-STRAIGHT MOUNT POWER/SIGNAL RELAY, DPDT, MOMENTARY, 0.018A (COIL), 28VDC (COIL), 504mW (COIL), 1A (CONTACT), 28VDC (CONTACT), THROUGH HOLE-STRAIGHT MOUNT POWER/SIGNAL RELAY, DPDT, MOMENTARY, 0.041A (COIL), 9VDC (COIL), 369mW (COIL), 1A (CONTACT), 28VDC (CONTACT), THROUGH HOLE-STRAIGHT MOUNT POWER/SIGNAL RELAY, DPDT, MOMENTARY, 0.061A (COIL), 6VDC (COIL), 366mW (COIL), 1A (CONTACT), 28VDC (CONTACT), THROUGH HOLE-STRAIGHT MOUNT
|
HI-G ITALIA SRL
|
FTR-LYAA005ENIL FTR-LYAA006VSK FTR-LYAA005VSK FTR- |
POWER RELAY 1 POLE - 6A Slim Type (Medium Load Control) POWER/SIGNAL RELAY, SPST, MOMENTARY, 0.034A (COIL), 5VDC (COIL), 170mW (COIL), 6A (CONTACT), 24VDC (CONTACT), THROUGH HOLE-STRAIGHT MOUNT ROHS COMPLIANT POWER/SIGNAL RELAY, SPST, MOMENTARY, 0.007A (COIL), 24VDC (COIL), 170mW (COIL), 6A (CONTACT), 24VDC (CONTACT), THROUGH HOLE-STRAIGHT MOUNT ROHS COMPLIANT POWER/SIGNAL RELAY, SPST, MOMENTARY, 0.028A (COIL), 6VDC (COIL), 170mW (COIL), 6A (CONTACT), 24VDC (CONTACT), THROUGH HOLE-STRAIGHT MOUNT ROHS COMPLIANT POWER/SIGNAL RELAY, SPST, MOMENTARY, 0.019A (COIL), 9VDC (COIL), 170mW (COIL), 6A (CONTACT), 24VDC (CONTACT), THROUGH HOLE-STRAIGHT MOUNT ROHS COMPLIANT POWER/SIGNAL RELAY, SPST, MOMENTARY, 0.009A (COIL), 18VDC (COIL), 170mW (COIL), 6A (CONTACT), 24VDC (CONTACT), THROUGH HOLE-STRAIGHT MOUNT ROHS COMPLIANT POWER/SIGNAL RELAY, SPST, MOMENTARY, 0.004A (COIL), 48VDC (COIL), 217mW (COIL), 6A (CONTACT), 24VDC (CONTACT), THROUGH HOLE-STRAIGHT MOUNT ROHS COMPLIANT POWER/SIGNAL RELAY, SPST, MOMENTARY, 0.003A (COIL), 60VDC (COIL), 175mW (COIL), 6A (CONTACT), 24VDC (CONTACT), THROUGH HOLE-STRAIGHT MOUNT ROHS COMPLIANT POWER/SIGNAL RELAY, SPST, MOMENTARY, 0.014A (COIL), 12VDC (COIL), 170mW (COIL), 6A (CONTACT), 24VDC (CONTACT), THROUGH HOLE-STRAIGHT MOUNT ROHS COMPLIANT POWER/SIGNAL RELAY, SPDT, MOMENTARY, 0.009A (COIL), 18VDC (COIL), 170mW (COIL), 6A (CONTACT), 24VDC (CONTACT), THROUGH HOLE-STRAIGHT MOUNT
|
Fujitsu Component Limited. FUJITSU Component., Ltd. Fujitsu Component Limit... FUJITSU COMPONENT LTD
|
240-034-6-9PC 240-034-6-9PP 240-034-6-37PC 240-034 |
Micro-D Filter Connectors Right Angle Printed Circuit Board 15 CONTACT(S), MALE, D MICROMINIATURE CONNECTOR, SOLDER 15 CONTACT(S), FEMALE, D MICROMINIATURE CONNECTOR, SOLDER, SOCKET 37 CONTACT(S), MALE, D MICROMINIATURE CONNECTOR, SOLDER 25 CONTACT(S), FEMALE, D MICROMINIATURE CONNECTOR, SOLDER, SOCKET 9 CONTACT(S), MALE, D MICROMINIATURE CONNECTOR, SOLDER 31 CONTACT(S), FEMALE, D MICROMINIATURE CONNECTOR, SOLDER, SOCKET 21 CONTACT(S), FEMALE, D MICROMINIATURE CONNECTOR, SOLDER, SOCKET 21 CONTACT(S), MALE, D MICROMINIATURE CONNECTOR, SOLDER 9 CONTACT(S), FEMALE, D MICROMINIATURE CONNECTOR, SOLDER, SOCKET 25 CONTACT(S), MALE, D MICROMINIATURE CONNECTOR, SOLDER 31 CONTACT(S), MALE, D MICROMINIATURE CONNECTOR, SOLDER
|
Glenair, Inc. GLENAIR INC
|
M80-5S2120500-02-313-01-333 |
Datamate 2-Row Mix-Tek Male Horizontal Connector, No jackscrews, 12 x SMT signal contacts, 2 x 3mm PC Tail Coax contact, 1 x 3.5mm PC Tail Power contact 15 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER AND SMT
|
Harwin PLC
|
RL01-P12S-C4E RL01-P12S-C5E |
CONTACT - COPPER ALLOY 12 CONTACT(S), FEMALE, TELECOM AND DATACOM CONNECTOR
|
Japan Aviation Electronics Industry, Ltd. JAPAN AVIATION ELECTRONICS INDUSTRY LTD
|
3SB3400-0B |
ACTUATOR-/INDICATOR COMPONENT CONTACT BLOCK WITH 1 CONTACT ELEMENT SCREW TERMINAL, 1NO
|
Siemens Semiconductor Group
|
15-97-7162 15-97-7122 15-97-7062 15-97-7066 15-97- |
A-30069-16A1 O/DH 16Ckt 16 CONTACT(S), MALE, POWER CONNECTOR, SOLDER A-30069-12A1 V-0 w/o drain hole 12 Ckt 12 CONTACT(S), MALE, POWER CONNECTOR, SOLDER A-30069-06A1 VO/DH 6Ckt 6 CONTACT(S), MALE, POWER CONNECTOR, SOLDER A-30069-06B1 /DH 6Ckt 6 CONTACT(S), MALE, POWER CONNECTOR, SOLDER MiniFit TPA Vt Hdr/Pegs Au O/DH 8Ckt 8 CONTACT(S), MALE, POWER CONNECTOR, SOLDER A-30069-04A2 VO/DH 4Ckt 15977042
|
Molex, Inc. MOLEX INC
|
MDM RMDM-9SS1M-A30 RMDM-10P10PH001A-A174 RMDM-10P1 |
37 CONTACT(S), FEMALE, D MICROMINIATURE CONNECTOR, SOLDER, RECEPTACLE Micro-D Metal Shell - .050 Contact Spacing
|
ITT CANNON http:// ITT[ITT Industries]
|
|